PART |
Description |
Maker |
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
IDT72V36110L7.5PF V36100L6PF |
3.3 VOLT HIGH-DENSITY SUPERSYNC II36-BIT FIFO 128K X 36 OTHER FIFO, 5 ns, PQFP128 3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
72255LA10PFG8 72255LA10PFGI8 72255LA10TFG8 |
CMOS SuperSync FIFO
|
Integrated Device Techn...
|
IDT72291 IDT72281 IDT72291L15TF IDT72291L15TFI IDT |
CMOS SuperSync FIFO?
|
IDT[Integrated Device Technology]
|
72V285L10PFG 72V285L10PFGI 72V285L10PFGI8 72V285L1 |
3.3 VOLT CMOS SuperSync FIFO
|
Integrated Device Techn...
|
72V2111L20PFG 72V2111L20PFG8 |
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
|
Integrated Device Techn...
|
IDT72V7290L |
3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
|
Integrated Device Techn...
|
IDT72T40108L6-7BB IDT72T40118L6-7BB IDT72T40118L6- |
64K x 40 TeraSync DDR FIFO, 2.5V 128K x 40 TeraSync DDR FIFO, 2.5V 2.5 VOLT HIGH-SPEED TeraSync?? DDR/SDR FIFO 40-BIT CONFIGURATION 16K x 40 TeraSync DDR FIFO, 2.5V 32K x 40 TeraSync DDR FIFO, 2.5V
|
IDT
|
CY7C4804V25 CY7C4806V25 CY7C4808V25 7C480XV25 |
2.5V 64K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 64K x 80 单向同步先进先出带总线匹配) 2.5V 16K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 16K x 80 单向同步先进先出带总线匹配) 2.5V 4K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 4K x 80 单向同步先进先出带总线匹配) From old datasheet system 2.5V 4K/16K/64K x 80 UnidirectionalSynchronous FIFO w/Bus Matching
|
Cypress Semiconductor Corp.
|
IDT72T40118L6.7BB IDT72T40108L6.7BBI 72T4098L4BB |
128K X 40 OTHER FIFO, 3.8 ns, PBGA208 64K X 40 OTHER FIFO, 3.8 ns, PBGA208 32K X 40 OTHER FIFO, 3.2 ns, PBGA208
|
INTEGRATED DEVICE TECHNOLOGY INC
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|